Part Number Hot Search : 
STR200 CHM634 PE9912 24C02 AD222 HCT10 51181 1N5277
Product Description
Full Text Search
 

To Download RBM-0505S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  econoline dc/dc-converter with 3 year warranty www.recom-international.com e-43 rev: 1/2013 rbm selection guide part input output output efficiency max number voltage voltage current capacitive sip 6 micro size (vdc) (vdc) (ma) (%) load (1) rbm-xx05s 5, 12 5 200 70-78 1000f rbm-xx12s 5, 12 12 83 78-80 470f rbm-xx15s 5, 12 15 66 80-84 470f rbm-xx05d 5, 12 5 100 74-78 470f rbm-xx12d 5, 12 12 41 80-82 220f rbm-xx15d 5, 12 15 33 80-84 220f xx = input voltage. other input and output voltage combinations available on request. * add suffix ?p? for continuous short circuit protection, e.g. RBM-0505S/p, rbm-0505d/p 
            



   

!
 " specifications ( measured at t a = 25c, nominal input voltage, full load and after warm-up) input voltage range 10% output voltage accuracy 5% line voltage regulation 1.2%/1% of vin typ. load voltage regulation 5v output type 15% max (10% to 100% full load) 12, 15v output types 10% max output ripple and noise (20mhz limited) 100mvp-p max. operating frequency 50khz min. / 100khz typ. / 105khz max. efficiency at full load 70% min. / 80% typ. minimum load = 0% specifications valid for 10% minimum load only. isolation voltage (tested for 1 second) 3000vdc (rated for 1 minute) 1500vac / 60hz isolation capacitance 20pf min. / 65pf max. isolation resistance 15 g min. short circuit protection 1 second p-suffix continuous operating temperature range (free air convection) -40c to +85c (see graph) storage temperature range -55c to +125c relative humidity 95% rh package weight 1.3g packing quantity 30 pcs per tube mtbf (+25c) using mil-hdbk 217f 1005 x 10 3 hours (+85c) using mil-hdbk 217f 195 x 10 3 hours 1 watt sip 6 micro size, single & dual output derating-graph (ambient temperature) micro size sip 6 package industry standard pinout power sharing on dual output version 3kvdc isolation optional continuous short circuit protected efficiency to 85 % features unregulated converters the rbm micro size dc/dc-converter complements recom?s industrial range of converters. this range is widely used for pcb distributed power systems and combines small package size, high efficiency, 3kvdc isolation and low out put ripple. the extended operating temperature range covering ?40c to +85c is a standard feature. the full rated power can be taken from a single pin of this dual output converter, provided this does not exceed 1 watt. description } detailed information see application notes chapter "mtbf" refer to application notes en-60950-1 certified ul-60950-1 certified en-60601-1 certified e-358085 rohs 2011/65/eu 6/6
typical characteristics rbm series econoline dc/dc-converter 4 +
+5       4 +
+5%&'       *+
  "("   4 +
+5       4 +
+5%&'       *+
  "("   #
$%&' (    #
$ )*     ( *+
   ( ( ( ( ( ( "("  #
$%&' (    #
$ )*     ( *+
   ( ( ( ( ( ( "("  4 +
+5       4 +
+5%&'       *+
  "("   #
$%&' (    #
$ )*     ( *+
   ( ( ( ( ( ( "("  rbm-xx05d rbm-xx05s rbm-xx12s 4 +
+5       4 +
+5%&'       *+
  "("   #
$%&' (    #
$ )*     ( *+
   ( ( ( ( ( ( "("  rbm-xx12d rbm rev: 1/2013 www.recom-electronic.com e-44
4 +
+5       4 +
+5%&'       *+
  "("   #
$%&' (    #
$ )*     ( *+
   ( ( ( ( ( ( "("  rbm-xx15s 4 +
+5       4 +
+5%&'       *+
   "("  #
$%&' (    #
$ )*     ( *+
   ( ( ( ( ( ( "("  rbm-xx15d package style and pinning (mm) rbm series econoline dc/dc-converter ,
       #* *
   (. ( (. (/ ( (5( ( .(.    
-,
   
( ( ( 0 1(%2 ( (5( " '*
 3
+ pin connections pin # single dual 1 +vin +vin 2 ?vin ?vin 4 nc ?vout 5 ?vout com 6 +vout +vout nc = no connection recommended footprint details sip6 micro size package xx.x 0.5 mm xx.xx 0.25 mm typical characteristics rev: 1/2013 e-45 www.recom-international.com rbm notes note 1 maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to t he converter. certifications cb test report report: us/15348/ul iec 60950-1:2005 2nd ed. ul general safety report: e358085 ul 60950-1 2nd ed. en general safety report: spclvd1109103 en60950-1:2001 + a11:2004 en medical safety report: mdd1205098-4 + rm1205098-4 iec/en 60601-1 3rd editionmedical report + iso14971 risk assessment


▲Up To Search▲   

 
Price & Availability of RBM-0505S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X